Part Number Hot Search : 
ZM4744 DTA144 PR100 C101A 1N472 N3905 SP312ECA LAS1508
Product Description
Full Text Search
 

To Download HCF40147 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCF40147B
10 TO 4 LINE BCD PRIORITY ENCODER
s s s
s
s s
s
s
s s
ENCODES 10 LINE TO 4 LINE BCD ACTIVE LOW INPUTS AND OUTPUTS STANDARDIZED, SYMMETRICAL OUTPUT CHARACTERIZATION QUIESCENT CURRENT SPECIFIED UP TO 20V 5V, 10V AND 15V PARAMETRIC RATINGS MAXIMUM INPUT CURRENT OF 1 A AT 18V OVER FULL PACKAGE TEMPERATURE RANGE; 100 nA AT 18 V AND 25C NOISE MARGIN (FULL PACKAGE TEMPERATURE RANGE): 1V AT VDD =5V, 2V AT VDD =10V, 2.5V AT VDD = 15V INPUT LEAKAGE CURRENT II = 100nA (MAX) AT VDD = 18V TA = 25C 100% TESTED FOR QUIESCENT CURRENT MEETS ALL REQUIREMENTS OF JEDEC JESD13B "STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES"
DIP
SOP
ORDER CODES
PACKAGE DIP SOP TUBE HCF40147BEY HCF40147BM1 T&R HCF40147M013TR
DESCRIPTION HCF40147B is a monolithic integrated circuit fabricated in Metal Oxide Semiconductor technology available in DIP and SOP packages. HCF40147B, encoder CMOS, features priority encoding of the inputs to ensure that only the
highest order data line is encoded. Ten data input lines (0-9) are encoded to four line (8, 4, 2, 1) BCDs. The highest priority line is line 9. All four output lines are logic "1" (VSS) when all input lines are logic "0". All inputs and outputs are buffered, and each output can drive one TTL Low Power Schottky load. HCF40147B is functionally similar to the T54/T74LS147 if pin 15 is tied low. HCF40147B is supplied in 16-lead plastic or ceramic and plastic micropackages.
PIN CONNECTION
September 2002
1/8
HCF40147B
IINPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 9, 7, 6, 14 11, 12, 13, 1, 2, 3, 4, 5, 10 15 8 16 SYMBOL A to D 1 to 9 0 VSS VDD NAME AND FUNCTION BCD Address Outputs (Active LOW) Decimal data Inputs (Active LOW) Not Connected Negative Supply Voltage Positive Supply Voltage
TRUTH TABLE INPUT
0 L H X X X X X X X X X 1 L L H X X X X X X X X 2 L L L H X X X X X X X 3 L L L L H X X X X X X 4 L L L L L H X X X X X 5 L L L L L L H X X X X 6 L L L L L L L H X X X 7 L L L L L L L L H X X 8 L L L L L L L L L H X 9 L L L L L L L L L L H D H L L L L L L L L H H
OUTPUTS
C H L L L L H H H H L L B H L L H H L L H H L L A H L H L H L H L H L H
X : Don't Care
2/8
HCF40147B
LOGIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol VDD VI II PD Top Tstg Supply Voltage DC Input Voltage DC Input Current Power Dissipation per Package Power Dissipation per Output Transistor Operating Temperature Storage Temperature Parameter Value -0.5 to +22 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -65 to +150 Unit V V mA mW mW C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Supply Voltage Input Voltage Operating Temperature Parameter Value 3 to 20 0 to VDD -55 to 125 Unit V V C 3/8
HCF40147B
DC SPECIFICATIONS
Test Condition Symbol Parameter VI (V) 0/5 0/10 0/15 0/20 0/5 0/10 0/15 5/0 10/0 15/0 0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 VO (V) |IO| VDD (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 10 15 18 TA = 25C Min. Typ. 0.04 0.04 0.04 0.08 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.36 -0.44 -1.1 -3.0 0.44 1.1 3.0 -3.2 -1 -2.6 -6.8 1 2.6 6.8 10-5 5 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 3.5 7 11 1.5 3 4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 Max. 5 10 20 100 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 Value -40 to 85C Min. Max. 150 300 600 3000 4.95 9.95 14.95 0.05 0.05 0.05 -55 to 125C Min. Max. 150 300 600 3000 Unit
IL
Quiescent Current
A
VOH
High Level Output Voltage Low Level Output Voltage High Level Input Voltage Low Level Input Voltage Output Drive Current
VOL
VIH
VIL
IOH
IOL
Output Sink Current Input Leakage Current Input Capacitance
0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/18
<1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1 <1
V
V
V
V
mA
mA
II
Any Input Any Input
0.1
7.5
1
1
A
pF
CI
The Noise Margin for both "1" and "0" level is: 1V min. with VDD =5V, 2V min. with VDD=10V, 2.5V min. with VDD=15V
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25C, CL = 50pF, RL = 200K, tr = tf = 20 ns)
Test Condition Symbol Parameter VDD (V) 5 10 15 5 10 15 5 10 15 Min. Value (*) Typ. 450 200 150 425 175 125 100 50 40 5 Max. 900 400 300 850 350 250 200 100 80 7.5 ns Unit
tPLH tPHL Propagation Delay Time In Phase Output tPLH tPHL Propagation Delay Time Out Phase Output tTLH tTHL Transition Time
ns
ns pF
CI
Input Capacitance
4/8
HCF40147B
TEST CIRCUIT
CL = 50pF or equivalent (includes jig and probe capacitance) RL = 200K RT = ZOUT of pulse generator (typically 50)
WAVEFORM : PROPAGATION DELAY TIMES (f=1MHz; 50% duty cycle)
5/8
HCF40147B
Plastic DIP-16 (0.25) MECHANICAL DATA
mm. DIM. MIN. a1 B b b1 D E e e3 F I L Z 3.3 1.27 8.5 2.54 17.78 7.1 5.1 0.130 0.050 0.51 0.77 0.5 0.25 20 0.335 0.100 0.700 0.280 0.201 1.65 TYP MAX. MIN. 0.020 0.030 0.020 0.010 0.787 0.065 TYP. MAX. inch
P001C
6/8
HCF40147B
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
PO13H
7/8
HCF40147B
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. (c) The ST logo is a registered trademark of STMicroelectronics (c) 2002 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - Canada - China - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - United States. (c) http://www.st.com
8/8


▲Up To Search▲   

 
Price & Availability of HCF40147

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X